PART |
Description |
Maker |
3VSK1 3VSK111 3VSK3 20VSK6 30VSK6C 3VSK7 3ESK1 3ES |
High Performance K Series RFI Line Filters for SMPS Emission Control Power Line SK (High Performance) Series Power Line SK Series
|
Tyco Electronics TE Connectivity Ltd
|
RL1220T-6R8-G RL1220T-5R6-G RP2012S-180-G RP2012S- |
RP series, RPH series,high-power metal film chip resistors
|
SUSUMU Co., Inc. List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
DT1608C-682 DT1608C-472 DT1608C-473 DT1608C-154 DT |
WIRE, 30AWG, RED, KYNAR WIRE 30 AWG BLU KYNAR TV 6C 6#8(TWINAX) SKT RECP SMT Power Inductors DT1608 Series SMT Power Inductors ? DT1608 Series SMT Power Inductors - DT1608 Series
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC]
|
BUV20D BUV20 BUV60 BUV20-D |
Power 50A 125V NPN TO204 SWITCHMODE Series NPN Silicon Power Transistor SWITCHMODE Series NPN Silicon Power Transistor SITCHMODE Series NPN Silicon Power Transistor
|
ONSEMI[ON Semiconductor]
|
RCR875DNP-2R3L RCR875DNP-1R7L RCR875DNP-1R2L RCR87 |
POWER INDUCTORS , Pin Type: RCR Series POWER INDUCTORS Pin Type: RCR Series POWER INDUCTORS < Pin Type: RCR Series> POWER INDUCTORS < Pin Type: RCR Series> 1 ELEMENT, 2.3 uH, GENERAL PURPOSE INDUCTOR POWER INDUCTORS < Pin Type: RCR Series>
|
SUMIDA CORPORATION. Sumida, Corp.
|
M51951A M51951B M51952A M51952B M1951B M51951E M51 |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 电压检测系统重调IC系列 VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES 电压检测,系统重调IC系列 VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 电压检测系统重IC系列 From old datasheet system VOLTAGE DETECTINGSYSTEM RESETTING IC SERIES VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES VOLTAGE DETECTING/SYSTEM RESETTING IC SERIES
|
Mitsubishi Electric, Corp. MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
HHS60ZA HHS60ZB HHS60ZD HHS60ZE HHS60ZY |
Power Resistor; Series:90; Resistance:2kohm; Resistance Tolerance: /- 5%; Power Rating:5W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Packaging:Bulk RoHS Compliant: Yes HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
|
Power-One
|
FGB20N6S2D FGH20N6S2D FGB20N6S2DT FGP20N6S2D |
600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode Switch Mode Power Supply; Output Power:300W; No. of Outputs:1; Output 1 VDC :5VDC; Output Current 1:60A; Power Supply Mounting:Chassis; Output Current:60A; Output Power Max:300W; Output Voltage:5VDC; Series:JWS RoHS Compliant: Yes 600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V/ SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V, SMPS II Series N-Channel IGBT with Stealth Diode, TO-263/D2PAK Package 600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth TM Diode
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
CR32NP-1R5MB CR32NP-1R5MC CR32NP-1R2MB CR32NP-1R2M |
POWER INDUCTORS Type: CR Series POWER INDUCTORS POWER INDUCTORS <SMD Type: CR Series
|
Sumida Corporation
|
RCH855NP-4R1M RCH855NP-3R3M RCH855NP-2R5M RCH855NP |
1 ELEMENT, 10000 uH, GENERAL PURPOSE INDUCTOR Power Inductor , Pin Type: RCH Series Power Inductor< Pin Type: RCH Series> Power Inductor Pin Type: RCH Series
|
SUMIDA CORPORATION.
|